Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG104 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9FG104
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG104 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9FG104 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9FG104
0839D—06/02/05
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
IN
Ground pin.
5
REFOUT
IN
Reference Clock output
6FS2
IN
Frequency select pin.
7
DIF_3
IN
0.7V differential true clock outputs
8
DIF_3#
OUT
0.7V differential complement clock outputs
9
VDD
PWR
Power supply, nominal 3.3V
10
GND
PWR
Ground pin.
11
DIF_2
OUT
0.7V differential true clock outputs
12
DIF_2#
OUT
0.7V differential complement clock outputs
13
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
14
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
15
DIF_STOP#
IN
Active low input to stop differential output clocks.
16
SPREAD
IN
Asynchronous, active high input, with internal 120Kohm pull-up resistor,
to enable spread spectrum functionality.
17
SEL14M_25M#
IN
Select 14.31818 MHz or 25 Mhz input frequency. 1 = 14.31818 MHz, 0 =
25 MHz
18
DIF_1#
OUT
0.7V differential complement clock outputs
19
DIF_1
OUT
0.7V differential true clock outputs
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
DIF_0#
OUT
0.7V differential complement clock outputs
23
DIF_0
OUT
0.7V differential true clock outputs
24
FS1
IN
Frequency select pin.
25
FS0
IN
Frequency select pin.
26
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current. 475 ohms is the
standard value.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com