Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG104 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9FG104
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG104 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9FG104 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG104 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS9FG104
0839D—06/02/05
Pin Configuration
Recommended Application:
Frequency Timing Generator for Differential CPU & SATA clocks
Features:
•
Generates common CPU frequencies from 14.318 MHz
or 25 MHz
•
Crystal or reference input
•
4 - 0.7V current-mode differential output pairs
•
Supports Serial-ATA at 100 MHz
•
Two spread spectrum modes: 0 to -0.5 downspread and
+/-0.25% centerspread
•
Unused inputs may be disabled in either driven or Hi-Z
state for power management.
•
M/N Programming
Key Specifications:
•
Output cycle-to-cycle jitter < 50 ps
•
Output to output skew < 35 ps
•
+/-300 ppm frequency accuracy on output clocks
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
28-pin SSOP/TSSOP
Frequency Select Table
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT(MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.00
0
1
1
0
333.00
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.00
1
1
1
0
333.00
1
1
1
1
400.00
XIN/CLKIN
1
28 VDDA
X2
2
27 GNDA
VDD
3
26 IREF
GND
4
25 FS0
REFOUT
5
24 FS1
FS2
6
23 DIF_0
DIF_3
722 DIF_0#
DIF_3#
821 VDD
VDD
9
20 GND
GND 10
19 DIF_1
DIF_2 11
18 DIF_1#
DIF_2# 12
17 SEL14M_25M#
SDATA 13
16 SPREAD
SCLK 14
15 DIF_STOP#


Similar Part No. - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG104E RENESAS-ICS9FG104E Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
ICS9FG104E RENESAS-ICS9FG104E Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
REV D 102912
ICS9FG104E RENESAS-ICS9FG104E_V01 Datasheet
354Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
REV D 102912
More results

Similar Description - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
100 MHz Differential Buffer for PCI Express and SATA
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
Ten 100MHz clocks for PCI Express
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com