Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet (PDF) - Renesas Technology Corp

ICS9FG107 Datasheet PDF - Renesas Technology Corp
Part # ICS9FG107
Download  ICS9FG107 Download
File Size   366.5 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks

ICS9FG107 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9FG107 Datasheet PDF - Renesas Technology Corp

Part # ICS9FG107
Download  ICS9FG107 Click to download

File Size   366.5 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks

ICS9FG107 Datasheet (HTML) - Renesas Technology Corp


ICS9FG107 Product details

Key Specifications
• Output cycle-to-cycle jitter for DIF outputs < 50 ps (<85ps
@ 266 MHz)
• Output to output skew for DIF outputs < 85 ps
• +/-300 ppm frequency accuracy on output clocks
• 48-pin SSOP/TSSOP package
• Available in RoHS compliant packaging
Features/Benefits
• Generates common CPU/PCI Express frequencies from
14.318 MHz or 25 MHz
• Crystal or reference input
• 7 - 0.7V current-mode differential output pairs
• 3 - 33MHz PCI outputs
• 1 - REFOUT
• Supports Serial-ATA at 100 MHz
• Two spread spectrum modes: 0 to -0.5 downspread and
+/-0.25% centerspread
• Unused inputs may be disabled in either driven or Hi-Z
state for power management.




Similar Part No. - ICS9FG107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Circuit Syst...
ICS9FG107YFLFT ICST-ICS9FG107YFLFT Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107YFLFT IDT-ICS9FG107YFLFT Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Circuit Syst...
ICS9FG107YFLNT ICST-ICS9FG107YFLNT Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
More results


Similar Description - ICS9FG107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
100 MHz Differential Buffer for PCI Express and SATA
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
Ten 100MHz clocks for PCI Express
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com