Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9FG107
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG107 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9FG107 Datasheet HTML 1Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 2Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 3Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
ICS9FG107
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
2
Pin Configuration
Functionality Table
Power Groups
VDD
GND
34
10
6
14,19,31,36,40
15,35
N/A
47
48
47
IREF
Analog VDD & GND for PLL Core
Description
Pin Number
REFOUT, Digital Inputs, SMBus
DIF Outputs
PCI Outputs
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT(MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.66
0
1
1
0
333.33
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.66
1
1
1
0
333.33
1
1
1
1
400.00
XIN/CLKIN
1
48 VDDA
X2
2
47 GNDA
VDD
3
46 IREF
GND
4
45 DWNSPRD#*
FS2/REFOUT*
5
44 FS1**
GND
6
43 OE_0*
FS0/PCICLK_F*
7
42 DIF_0
PCICLK0
8
41 DIF_0#
PCICLK1
9
40 VDD
VDD 10
39 DIF_1
OE_6** 11
38 DIF_1#
DIF_6 12
37 OE_1**
DIF_6# 13
36 VDD
VDD 14
35 GND
GND 15
34 OE_2**
OE_5** 16
33 DIF_2
DIF_5 17
32 DIF_2#
DIF_5# 18
31 VDD
VDD 19
30 DIF_3
DIF_4 20
29 DIF_3#
DIF_4# 21
28 OE_3*
OE_4* 22
27 SEL14M_25M#**
SDATA 23
26 SPREAD*
SCLK 24
25 DIF_STOP#
Notes:
Pins preceeded by * have 120 Kohm pull UP resistors
Pins preceeded by ** have 120 Kohm pull DOWN resistors
FS(2:0) and SEL14M_25M# are latched inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com