Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9FG107
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG107 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9FG107 Datasheet HTML 10Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 11Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 12Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 13Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 14Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 15Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 16Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 17Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
ICS9FG107
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
14
SRC Reference Clock
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
1
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1
L3 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
1
Rs
33
ohm
1
Rt
49.9
ohm
1
Down Device Differential Routing
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm differential trace.
2 min to 16 max
inch
1
L4 length, Route as coupled stripline 100 ohm differential trace.
1.8 min to 14.4 max
inch
1
Differential Routing to PCI Express Connector
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm differential trace.
0.25 to 14 max
inch
2
L4 length, Route as coupled stripline 100 ohm differential trace.
0.225 min to 12.6 max
inch
2
Figure 1 Down device routing.
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex Board
Down Device
REF_CLK Input
L1
L2
L3’
L4
L1’
L2’
L3
L4’
Figure 1
Figure 2 PCI Express Connector Routing.
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex
Add In Board
REF_CLK Input
L1
L2
L3’
L4
L1’
L2’
L3
L4’
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com