Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9FG107
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG107 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9FG107 Datasheet HTML 11Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 12Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 13Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 14Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 15Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 16Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 17Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 18Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
ICS9FG107
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
17
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
M INMA X
MINMA X
A--
1.20
--
.047
A 1
0.05
0.15
.002
.006
A 2
0.80
1.05
.032
.041
b
0.170.27
.007.011
c
0.09
0.20
.0035
.008
D
E
E 1
6.00
6.20
.236
.244
e
L
0.450.75
.018.030
N
a
0°8°0°8°
aaa
--
0.10
--
.004
VA RIATIONS
M INMA X
MINMA X
48
12.40
12.60
.488
.496
10-0039
SE E VA RIA TIONS
SE E VA RIA TIONS
D mm .
48-Lead, 6.10 m m . Body, 0.50 m m . Pitch TS SOP
(240 m il)
(20 m il)
SYM BOL
SE E VA RIA TIONS
COM MON DIME NSIONS
SE E VA RIA TIONS
Reference Doc.: JEDEC Publication 95, MO-153
In M illimeters
In Inches
COM MON DIME NSIONS
0.50 BAS IC
0.020 BA SIC
8.10 BAS IC
0.319 BA SIC
N
D (inch)
Ordering Information
ICS 9FG107yGLFT
Example:
Designation for tape and reel packaging
Lead Option (optional)
LF = Lead Free
LN = Lead Free Annealed
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS = Standard Device
ICS XXXX y G Lx T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com