Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9FG107
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG107 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9FG107 Datasheet HTML 1Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 2Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 3Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ICS9FG107
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA
Clocks
DATASHEET
1
Description
ICS9FG107 is a Frequency Timing Generator that provides 7
differential output pairs that are compliant to the Intel CK409/CK410
specification. It provides support for PCI-Express, next generation I/
O, and SATA. The part synthesizes several output frequencies from
either a 14.31818 Mhz crystal or a 25 MHz crystal. The device can
also be driven by a reference input clock instead of a crystal. It
provides outputs with cycle-to-cycle jitter of less than 85 ps and
output-to-output skew of less than 85 ps.
ICS9FG107 also provides a copy of the reference clock and 333
MHz PCI output clocks. Frequency selection can be accomplished
via strap pins or SMBus control.
Key Specifications
•
Output cycle-to-cycle jitter for DIF outputs < 50 ps (<85ps
@ 266 MHz)
•
Output to output skew for DIF outputs < 85 ps
•
+/-300 ppm frequency accuracy on output clocks
•
48-pin SSOP/TSSOP package
•
Available in RoHS compliant packaging
Features/Benefits
•
Generates common CPU/PCI Express frequencies from
14.318 MHz or 25 MHz
•
Crystal or reference input
•
7 - 0.7V current-mode differential output pairs
•
3 - 33MHz PCI outputs
•
1 - REFOUT
•
Supports Serial-ATA at 100 MHz
•
Two spread spectrum modes: 0 to -0.5 downspread and
+/-0.25% centerspread
•
Unused inputs may be disabled in either driven or Hi-Z
state for power management.
Funtional Block Diagram
I REF
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
X2
XIN/CLKIN
SDATA
SCLK
REFOUT
DIF_STOP#
SEL14M_25M#
SPREAD
DWNSPRD#
OE (6:0)
FS (2:0)
Control
Logic
DIF (6:0)
DIF# (6:0)
PCICLK (1:0)
PCICLK_F


Similar Part No. - ICS9FG107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Circuit Syst...
ICS9FG107YFLFT ICST-ICS9FG107YFLFT Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107YFLFT IDT-ICS9FG107YFLFT Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Circuit Syst...
ICS9FG107YFLNT ICST-ICS9FG107YFLNT Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
More results

Similar Description - ICS9FG107

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
Programmable FTG for Differential PCI-Express
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
100 MHz Differential Buffer for PCI Express and SATA
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
100-MHz Differential Buffer for PCI Express and SATA
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
Ten 100MHz clocks for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com