Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG107 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9FG107
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG107 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9FG107 Datasheet HTML 9Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 10Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 11Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 12Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 13Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 14Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 15Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 16Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
ICS9FG107
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
13
Electrical Characteristics - REF-14.318/25 MHz
Electrical Characteristics - PCICLK/PCICLK_F
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
33.33MHz output nominal
29.99100
30.00900
ns
2
33.33MHz output spread
29.99100
30.15980
ns
2
33.33MHz output nominal
29.49100
30.50900
ns
2
33.33MHz output spread
29.49100
30.65980
ns
2
Clk High Time
th1
12
N/A
ns
1
Clock Low Time
tl1
12
N/A
ns
1
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH @MIN = 1.0 V
-33
mA
VOH@ MAX = 3.135 V
-33
mA
VOL @ MIN = 1.95 V
30
mA
VOL @ MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
4
V/ns
1
Edge Rate
Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.4
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.4
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Jitter
tjcyc-cyc
VT = 1.5 V
250
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at
14.31818MHz or 25 MHz
Clock period
Tperiod
Output High Current
IOH
Output Low Current
IOL
Absolute Min/Max Clock
period
Tabs
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBO
L
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
0
300
ppm
1
14.318MHz output nominal
69.8270 69.8413 69.8550
ns
1,2
25.000MHz output nominal
39.9880 40.0000 40.0120
ns
1,2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.6
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.6
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
160
250
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
Clock period
Tperiod
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at
14.31818 or 25.00 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com