Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840001 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS840001
Description  FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840001 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS840001 Datasheet HTML 1Page - Integrated Circuit Systems ICS840001 Datasheet HTML 2Page - Integrated Circuit Systems ICS840001 Datasheet HTML 3Page - Integrated Circuit Systems ICS840001 Datasheet HTML 4Page - Integrated Circuit Systems ICS840001 Datasheet HTML 5Page - Integrated Circuit Systems ICS840001 Datasheet HTML 6Page - Integrated Circuit Systems ICS840001 Datasheet HTML 7Page - Integrated Circuit Systems ICS840001 Datasheet HTML 8Page - Integrated Circuit Systems ICS840001 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
840001BG
www.icst.com/products/hiperclocks.html
REV. A MAY 10, 2004
4
Integrated
Circuit
Systems, Inc.
ICS840001
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
TABLE 6. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= -30°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
=
L
E
S
_
Q
E
R
F6
6
.
6
8
15
.
2
1
26
6
.
6
2
2z
H
M
0
=
L
E
S
_
Q
E
R
F3
3
.
3
95
2
.
6
0
13
3
.
3
1
1z
H
M
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
1
E
T
O
N
,
z
H
M
5
2
.
6
0
1
=
T
U
O
f
)
z
H
M
0
1
o
t
z
H
K
7
3
6
(
6
9
6
.
0s
p
,
z
H
M
5
.
2
1
2
=
T
U
O
f
)
z
H
M
0
2
o
t
z
H
M
5
5
.
2
(
8
5
4
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
20
0
6s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
z
H
M
5
2
.
6
0
1
=
T
U
O
f8
42
5%
z
H
M
5
.
2
1
2
=
T
U
O
f5
45
5%
.
z
H
M
5
2
.
6
0
1
d
n
a
z
H
M
5
.
2
1
2
@
d
e
z
i
r
e
t
c
a
r
a
h
c
e
r
a
s
r
e
t
e
m
a
r
a
p
ll
A
.
s
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com