Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840001 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840001
Description  FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840001 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840001 Datasheet HTML 1Page - Integrated Circuit Systems ICS840001 Datasheet HTML 2Page - Integrated Circuit Systems ICS840001 Datasheet HTML 3Page - Integrated Circuit Systems ICS840001 Datasheet HTML 4Page - Integrated Circuit Systems ICS840001 Datasheet HTML 5Page - Integrated Circuit Systems ICS840001 Datasheet HTML 6Page - Integrated Circuit Systems ICS840001 Datasheet HTML 7Page - Integrated Circuit Systems ICS840001 Datasheet HTML 8Page - Integrated Circuit Systems ICS840001 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
840001BG
www.icst.com/products/hiperclocks.html
REV. A MAY 10, 2004
1
Integrated
Circuit
Systems, Inc.
ICS840001
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS840001 is a Fibre Channel Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS. The
ICS840001 uses a 26.5625MHz crystal to
synthesize either 106.25MHz or 212.5MHz, using
the FREQ_SEL pin. The ICS840001 has excellent phase jitter
performance, over the 637KHz – 10MHz integration range.
The ICS840001 is packaged in a small 8-pin TSSOP, making
it ideal for use in systems with limited board space.
FEATURES
• 1 LVCMOS/LVTTL output, 7Ω typical output impedence
• Crystal oscillator interface designed for 26.5625MHz,
18pF parallel resonant crystal
• Selectable 106.25MHz or 212.5MHz output frequency
• VCO range: 560MHz to 680MHz
• RMS phase jitter @ 106.25MHz, using a 26.5625MHz crystal
(637KHz - 10MHz): 0.696ps (typical)
• RMS phase noise at 106.25MHz (typical)
Phase noise:
Offset
Noise Power
100Hz ............... -94.4 dBc/Hz
1KHz .............. -119.9 dBc/Hz
10KHz .............. -130.2 dBc/Hz
100KHz .............. -131.5 dBc/Hz
• 3.3V operating supply
• -30°C to 85°C ambient operating temperature
HiPerClockS™
ICS
ICS840001
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VDDA
OE
XTAL_OUT
XTAL_IN
1
2
3
4
VDD
Q0
GND
FREQ_SEL
8
7
6
5
t
u
p
n
I
s
e
i
c
n
e
u
q
e
r
F
t
u
p
t
u
O
L
E
S
_
Q
E
R
F
0)
t
l
u
a
f
e
D
(
z
H
M
5
2
.
6
0
1
1z
H
M
5
.
2
1
2
z
H
M
5
2
6
5
.
6
2
:
l
a
t
s
y
r
C
BLOCK DIAGRAM
PIN ASSIGNMENT
FUNCTION TABLE
OSC
Phase
Detector
VCO
637.5MHz w/
26.5625MHz Ref.
M = ÷24 (fixed)
1
0
÷6
÷3
XTAL_IN
XTAL_OUT
OE
Q0
FREQ_SEL
(Pullup)
(Pulldown)


Similar Part No. - ICS840001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-31 ICST-ICS840001-31 Datasheet
164Kb / 9P
FEMTOCLOCKS-TM CRYSTAL -TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 4, 2005
ICS840001-32 ICST-ICS840001-32 Datasheet
182Kb / 10P
FEMTOCLOCKS-TM CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 23, 2005
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001AGI ICST-ICS840001AGI Datasheet
175Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001AGIT ICST-ICS840001AGIT Datasheet
175Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840022 ICST-ICS840022 Datasheet
208Kb / 10P
FEMTOCLOCKS?줓RYSTAL-TO LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 11, 2005
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840011 RENESAS-840011 Datasheet
403Kb / 14P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
840051 RENESAS-840051 Datasheet
338Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
9/1/15
ICS840051I RENESAS-ICS840051I Datasheet
368Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
5/20/16
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com