Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840011 Datasheet (PDF) - Renesas Technology Corp

840011 Datasheet PDF - Renesas Technology Corp
Part # 840011
Download  840011 Download
File Size   403.17 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator

840011 Datasheet (PDF)

Go To PDF Page Download Datasheet
840011 Datasheet PDF - Renesas Technology Corp

Part # 840011
Download  840011 Click to download

File Size   403.17 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator

840011 Datasheet (HTML) - Renesas Technology Corp


840011 Product details

GENERAL DESCRIPTION
The 840011 is a Fibre Channel Clock Generator and a member
of the family of high performance devices from IDT. The 840011
uses a 26.5625MHz or 25MHz crystal to syn-thesize 106.25MHz
or 100MHz respectively. The 840011 has excellent phase jitter
performance, from 637kHz – 10MHz integration range. The 840011
is packaged in a small 8-pin TSSOP, making it ideal for use in
systems with limited board space.

FEATURES
• One LVCMOS/LVTTL output, 7Ω output impedence
• Crystal oscillator interface designed for 26.5625MHz or 25MHz,
18pF parallel resonant crystal
• Output frequency: 106.25MHz (typical)
• VCO range: 560MHz to 680MHz
• RMS phase jitter @ 106.25MHz, using a 26.5625MHz crystal
(637KHz - 10MHz): 0.780ps (typical)
• RMS phase noise at 125MHz:
Offset Noise Power
100Hz ................-95.7 dBc/Hz
1kHz .................-121 dBc/Hz
10kHz .................-129 dBc/Hz
100kHz ..............-129.6 dBc/Hz
• 3.3V operating supply
• -30°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Not Recommended for New Designs
• For drop in replacement part use 840N011i




Similar Part No. - 840011

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8400110 IDT-8400110 Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
logo
Renesas Technology Corp
8400110 RENESAS-8400110 Datasheet
419Kb / 16P
Low Jitter, Telecom Rate-Conversion PLL
January 20, 2016
logo
Integrated Device Techn...
8400110EKILF IDT-8400110EKILF Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
8400110EKILFT IDT-8400110EKILFT Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
logo
Huber+Suhner, Inc.
84001123 HUBERSUHNER-84001123 Datasheet
210Kb / 2P
COAXIAL CONNECTOR, BMA, 50 Ohm, Straight panel cable plug (male)
More results


Similar Description - 840011

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
840N021 IDT-840N021 Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
840N021 RENESAS-840N021 Datasheet
512Kb / 14P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
840N022 RENESAS-840N022 Datasheet
456Kb / 14P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com