Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840N022 Datasheet (PDF) - Renesas Technology Corp

840N022 Datasheet PDF - Renesas Technology Corp
Part # 840N022
Download  840N022 Download
File Size   456.37 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock

840N022 Datasheet (PDF)

Go To PDF Page Download Datasheet
840N022 Datasheet PDF - Renesas Technology Corp

Part # 840N022
Download  840N022 Click to download

File Size   456.37 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock

840N022 Datasheet (HTML) - Renesas Technology Corp


840N022 Product details

General Description
The 840N022 is a LVCMOS/LVTTL clock synthesizer designed for
Ethernet applications. The device generates a selectable 125MHz or
62.5MHz clock signal with excellent phase jitter performance. The
device uses IDT’s fourth generation FemtoClock® NG technology
for an optimum of high clock frequency, low phase noise
performance and low power consumption.The device supports 2.5V
or 3.3V voltage supply and is packaged in a small, lead-free (RoHS
6) 8-lead TSSOP package. The extended temperature range
supports wireless infrastructure, telecommunication, and networking
end equipment requirements

Features
• Fourth generation FemtoClock® NG technology
• 125MHz output clock synthesized from a 25MHz fundamental
mode crystal
• One LVCMOS/LVTTL clock output
• Crystal interface designed for a 12pF parallel resonant crystal
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.148ps (maximum)
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.479ps (maximum)
• LVCMOS interface levels for the control inputs
• Full 2.5V or 3.3V supply voltage
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature
• Use replacement part: 840N202CKI-dddLF




Similar Part No. - 840N022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840N022 IDT-840N022 Datasheet
181Kb / 13P
FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
840N022BGILF IDT-840N022BGILF Datasheet
181Kb / 13P
FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
840N022BGILFT IDT-840N022BGILFT Datasheet
181Kb / 13P
FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
More results


Similar Description - 840N022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840N021 IDT-840N021 Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
840N022 IDT-840N022 Datasheet
181Kb / 13P
FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
ICS840N011I IDT-ICS840N011I Datasheet
465Kb / 12P
FemtoClock NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
ICS840N051I IDT-ICS840N051I Datasheet
255Kb / 14P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
logo
Renesas Technology Corp
840011 RENESAS-840011 Datasheet
403Kb / 14P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
840N021 RENESAS-840N021 Datasheet
512Kb / 14P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com