Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840N021 Datasheet (PDF) - Renesas Technology Corp

840N021 Datasheet PDF - Renesas Technology Corp
Part # 840N021
Download  840N021 Download
File Size   512.43 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock

840N021 Datasheet (PDF)

Go To PDF Page Download Datasheet
840N021 Datasheet PDF - Renesas Technology Corp

Part # 840N021
Download  840N021 Click to download

File Size   512.43 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock

840N021 Datasheet (HTML) - Renesas Technology Corp


840N021 Product details

General Description
The 840N021 is a LVCMOS/LVTTL clock synthesizer designed for
Ethernet applications. The device generates a 125MHz clock signal
from a 25MHz crystal with excellent phase jitter performance. The
device uses IDT’s fourth generation FemtoClock® NG technology for
an optimum of high clock frequency, low phase noise performance
and low power consumption.The device supports 2.5V or 3.3V
voltage supply and is packaged in a small, lead-free (RoHS 6) 8-lead
TSSOP package. The extended temperature range supports
wireless infrastructure, telecommunication and networking end
equipment requirements. The device is a member of the
high-performance clock family from IDT.

Features
• Fourth generation FemtoClock® NG technology
• 125MHz output clock synthesized from a 25MHz fundamental
mode crystal
• One 2.5V or 3.3V LVCMOS/LVTTL clock output
• Crystal interface designed for a 12pF parallel resonant crystal
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.156ps (maximum)
• RMS phase jitter @ 100MHz, using a 20MHz crystal
(12kHz - 20MHz): 0.451ps (maximum)
• LVCMOS interface level for the output enable input
• Full 2.5V or 3.3V supply voltage
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature
• Use replacement part 840N202CKI-dddLF




Similar Part No. - 840N021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840N021 IDT-840N021 Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
logo
Renesas Technology Corp
840N021BGI-01LF RENESAS-840N021BGI-01LF Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
840N021BGI-01LFT RENESAS-840N021BGI-01LFT Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
logo
Integrated Device Techn...
840N021BGILF IDT-840N021BGILF Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
840N021BGILFT IDT-840N021BGILFT Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
More results


Similar Description - 840N021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
840N021 IDT-840N021 Datasheet
268Kb / 13P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock
840N022 IDT-840N022 Datasheet
181Kb / 13P
FemtoClock짰 NG Crystal-to-LVCMOS/LVTTL Clock
ICS840N011I IDT-ICS840N011I Datasheet
465Kb / 12P
FemtoClock NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
ICS840N051I IDT-ICS840N051I Datasheet
255Kb / 14P
FemtoClock NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
logo
Renesas Technology Corp
840011 RENESAS-840011 Datasheet
403Kb / 14P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
840N022 RENESAS-840N022 Datasheet
456Kb / 14P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock
8/14/15
ICS840N051I RENESAS-ICS840N051I Datasheet
617Kb / 15P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
OCTOBER 14, 2013
ICS840N011I RENESAS-ICS840N011I Datasheet
802Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/ LVTTL Clock Synthesizer
2019
ICS840N021I-01 RENESAS-ICS840N021I-01 Datasheet
939Kb / 13P
FemtoClock® NG Crystal-to-LVCMOS/LVTTL Clock Synthesizer
2019
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com