Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840051I Datasheet (PDF) - Renesas Technology Corp

ICS840051I Datasheet PDF - Renesas Technology Corp
Part # ICS840051I
Download  ICS840051I Download
File Size   368.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR

ICS840051I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS840051I Datasheet PDF - Renesas Technology Corp

Part # ICS840051I
Download  ICS840051I Click to download

File Size   368.87 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR

ICS840051I Datasheet (HTML) - Renesas Technology Corp


ICS840051I Product details

GENERAL DESCRIPTION
The 840051I is a Gigabit Ethernet Clock Generator and a
member of the HiPerClocksTM family of high performance
devices from ICS. The 840051I can synthesize 10 Gigabit
Ethernet, SONET, or Serial ATA reference clock fre-quencies
with the appropriate choice of crystal and output divider. The
840051I has excellent phase jitter performance and is packaged
in a small 8-pin TSSOP, making it ideal for use in systems with
limited board space.
FEATURES
• 1 LVCMOS/LVTTL output, 15Ω output impedance
• Crystal oscillator interface designed for
18pF parallel resonant crystals
• Output frequency range: 70MHz - 170MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter at 155.52MHz (1.875MHz - 20MHz):
0.48ps (typical)
• RMS phase noise at 155.52MHz
Offset Noise Power
100Hz ................-99.7 dBc/Hz
1KHz .................-120 dBc/Hz
10KHz .................-128 dBc/Hz
100KHz .................-127 dBc/Hz
• 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free fully RoHS compliant
• Not Recommended For New Designs
• For drop in replacement part use 840N051i




Similar Part No. - ICS840051I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
More results


Similar Description - ICS840051I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840051 ICST-ICS840051 Datasheet
218Kb / 10P
FEMTOCLOCK CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 14, 2005
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS840022 ICST-ICS840022 Datasheet
208Kb / 10P
FEMTOCLOCKS?줓RYSTAL-TO LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 11, 2005
logo
Integrated Device Techn...
ICS840004I-01 IDT-ICS840004I-01 Datasheet
844Kb / 16P
FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
840051 RENESAS-840051 Datasheet
338Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
9/1/15
844001 RENESAS-844001 Datasheet
409Kb / 15P
Femtoclocks™ Crystal-to-LVDS Clock Generator
June 2, 2016
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com