Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

840051 Datasheet (PDF) - Renesas Technology Corp

840051 Datasheet PDF - Renesas Technology Corp
Part # 840051
Download  840051 Download
File Size   338.93 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR

840051 Datasheet (PDF)

Go To PDF Page Download Datasheet
840051 Datasheet PDF - Renesas Technology Corp

Part # 840051
Download  840051 Click to download

File Size   338.93 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR

840051 Datasheet (HTML) - Renesas Technology Corp


840051 Product details

GENERAL DESCRIPTION
The 840051 is a Gigabit Ethernet Clock Generator and a
member of the family of high performance devices from IDT.
The 840051 can synthesize 10 Gigabit Ethernet,
SONET, or Serial ATA reference clock frequencies
with the appropriate choice of crystal and
output divider. The 840051 has excellent phase jitter
performance and is packaged in a small 8-pin TSSOP,
making it ideal for use in systems with limited board space

FEATURES
• 1 LVCMOS/LVTTL output, 15Ω output impedance
• Crystal oscillator interface designed for
18pF parallel resonant crystals
• Output frequency range: 70MHz - 170MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter at 155.52MHz (1.875MHz - 20MHz):
0.48ps (typical)
• RMS phase noise at 155.52MHz
Offset Noise Power
100Hz ................-99.7 dBc/Hz
1KHz .................-120 dBc/Hz
10KHz .................-128 dBc/Hz
100KHz .................-127 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free fully RoHS compliant
• Industrial temperature information available upon request
• Not Recommended For New Designs
• For New Designs use ICS840N051BGI




Similar Part No. - 840051

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
84005177 HUBERSUHNER-84005177 Datasheet
142Kb / 2P
COAXIAL CONNECTOR, MMBX, 50 Ohm, Straight bulkhead receptacle, jack (female)
84005182 HUBERSUHNER-84005182 Datasheet
7Mb / 2P
COAXIAL CONNECTOR, TNC, 50 Ohm, Straight cable plug (male)
More results


Similar Description - 840051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840051 ICST-ICS840051 Datasheet
218Kb / 10P
FEMTOCLOCK CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 14, 2005
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS840022 ICST-ICS840022 Datasheet
208Kb / 10P
FEMTOCLOCKS?줓RYSTAL-TO LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 11, 2005
logo
Integrated Device Techn...
ICS840004I-01 IDT-ICS840004I-01 Datasheet
844Kb / 16P
FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
844001 RENESAS-844001 Datasheet
409Kb / 15P
Femtoclocks™ Crystal-to-LVDS Clock Generator
June 2, 2016
ICS840051I RENESAS-ICS840051I Datasheet
368Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
5/20/16
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com