Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2615 Datasheet HTML 13Page - Monolithic Power Systems MP2615 Datasheet HTML 14Page - Monolithic Power Systems MP2615 Datasheet HTML 15Page - Monolithic Power Systems MP2615 Datasheet HTML 16Page - Monolithic Power Systems MP2615 Datasheet HTML 17Page - Monolithic Power Systems MP2615 Datasheet HTML 18Page - Monolithic Power Systems MP2615 Datasheet HTML 19Page - Monolithic Power Systems MP2615 Datasheet HTML 20Page - Monolithic Power Systems MP2615 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
MP2615
– 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2615 Rev. 1.0
www.MonolithicPower.com
21
1/16/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN16 3X3
PACKAGE OUTLINE DRAWING FOR 16L FCQFN (3X3MM)
MF-PO-D-0157 revision 0.0
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE
MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.10x45° TYP.
0.10x45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com