Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2615
Description  2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2615 Datasheet HTML 8Page - Monolithic Power Systems MP2615 Datasheet HTML 9Page - Monolithic Power Systems MP2615 Datasheet HTML 10Page - Monolithic Power Systems MP2615 Datasheet HTML 11Page - Monolithic Power Systems MP2615 Datasheet HTML 12Page - Monolithic Power Systems MP2615 Datasheet HTML 13Page - Monolithic Power Systems MP2615 Datasheet HTML 14Page - Monolithic Power Systems MP2615 Datasheet HTML 15Page - Monolithic Power Systems MP2615 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP2615
– 2A, 1- CELL OR 2- CELL LI-ION BATTERY CHARGER
MP2615 Rev. 1.0
www.MonolithicPower.com
12
1/16/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP2615 is a peak current mode controlled
switching charger for 1- or 2- cell lithium-ion and
lithium-polymer battery. The MP2615 integrates
both the high-side and low-side switches of the
synchronous BUCK converter to provide high
efficiency and save on PCB area.
Charge Cycle (Mode change: TC CC CV)
The MP2615 regulates the charge current (ICHG)
and battery voltage (VBATT) using two control
loops to achieve highly-accurate constant current
(CC) charge and constant voltage (CV) charge.
As shown in Figure 2, when the VBATT < VTC, the
MP2615 stays in trickle-charge mode and the
output of charge current loop COMPI dominates
the control. The battery is charged by a trickle-
charge current ITC until the battery voltage
reaches VTC. If the charger stays in the trickle-
charge mode till the trickle-charge timer is
triggered, charging will be terminated.
The MP2615 will enter constant-current charge
mode once the battery voltage rises higher than
VTC. In this mode the charge current will increase
from ITC to ICC to fast charge the battery.
When the battery voltage rises over full battery
voltage
VBATT_FULL,
the
charger
enters
into
constant-voltage mode. In constant voltage mode,
the battery voltage is regulated at VBATT_FULL
precisely and the charge current will fall naturally
due to the existing equivalent internal resistance
of the battery. For the operation flow chart,
please also refer to Figure 4.
CC Charge
Threshold
CV Charge
Threshold
CC
Charge
ICHG
VBATT
Charge
Full
TC Charge
Current
CC Charge
Current
CV
Charge
Auto-
recharge
Auto-recharge
Threshold
IBF
Trickle
Charge
Figure 2: Li-ion Battery Charge Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com