Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT46W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT46W Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT46W Datasheet HTML 1Page - Diodes Incorporated BAT46W Datasheet HTML 2Page - Diodes Incorporated BAT46W Datasheet HTML 3Page - Diodes Incorporated BAT46W Datasheet HTML 4Page - Diodes Incorporated BAT46W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT46W
Document number: DS30044 Rev. 18 - 2
2 of 5
www.diodes.com
July 2016
© Diodes Incorporated
BAT46W
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Forward Continuous Current
IF
150
mA
Repetitive Peak Forward Current (Note 5)
@ tp < 1.0s, Duty Cycle < 50%
IFRM
350
mA
Forward Surge Forward Current (Note 5)
@ tp = 10ms
IFSM
750
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
Thermal Resistance, Junction to Ambient Air (Note 6)
RJA
420
370
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
100
—
—
V
IR = 100µA
Forward Voltage
VF
—
—
0.25
0.45
1.00
V
IF = 0.1mA
IF = 10mA
IF = 250mA
Peak Reverse Current (Note 7)
IR
—
—
0.3
5.0
0.5
7.5
1.0
15
2.0
20
µA
VR = 1.5V
VR = 1.5V, TJ = +60°C
VR = 10V
VR = 10V, TJ = +60°C
VR = 50V
VR = 50V, TJ = +60°C
VR = 75V
VR = 75V, TJ = +60°C
Total Capacitance
CT
—
20
12
—
pF
VR = 0V, f = 1.0MHz
VR = 1.0V, f = 1.0MHz
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at
http://www.diodes.com/product_compliance_definitions.html.
6. Part mounted on Polymide board with recommended pad layout, which can be found on our website at
http://www.diodes.com/product_compliance_definitions.html.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com