Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46W Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAT46W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT46W Datasheet(HTML) 3 Page - Diodes Incorporated

  BAT46W Datasheet HTML 1Page - Diodes Incorporated BAT46W Datasheet HTML 2Page - Diodes Incorporated BAT46W Datasheet HTML 3Page - Diodes Incorporated BAT46W Datasheet HTML 4Page - Diodes Incorporated BAT46W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT46W
Document number: DS30044 Rev. 18 - 2
3 of 5
www.diodes.com
July 2016
© Diodes Incorporated
BAT46W
V , DC REVERSE VOLTAGE (V)
R
Figure 3 Total Capacitance vs. Reverse Voltage
0
10
20
0
5
10
15
20
25
5
15
25
f = 1MHz
0
T , AMBIENT TEMPERATURE (癈 )
Figure 4 Forward Current Derating
A
30
60
90
120
150
180
210
0
25
50
75
100
125
150
0
25
100
125
50
75
0
50
100
150
T , DERATED AMBIENT TEMPERATURE (°C)
A
Figure 5 Operating Temperature Derating
25
75
125
Note 5
0
50
100
150
200
250
0
25
50
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Figure 6 Power Derating Curve
75
100
Note 5
0
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
m
A
)
F
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Typical Forward Characteristics
F
Figure 1
0.001
0.01
0.1
1
10
100
1,000
10,000
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
T = 125°C
A
T = -55C
A
°
T = 25°C
A
T = 60C
A
°
T = 85°C
A
0
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 2 Typical Reverse Characteristics
R
0.0001
0.001
0.01
0.1
1
10
100
1,000
T = -55°C
A
T = 25°C
A
T = 60°C
A
T = 125°C
A
T = 85°C
A
(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com