Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5DS32M8AT Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NT5DS32M8AT
Description  256Mb DDR333/300 SDRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT5DS32M8AT Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 17Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 18Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 19Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 20Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 21Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 22Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 23Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 24Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb DDR333/300 SDRAM
Preliminary
10/01
21
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
AC Input Operating Conditions (0 °C
≤ T
A ≤ 70 °C; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC
Characteristics)
Symbol
Parameter/Condition
Min
Max
Unit
Notes
VIH(AC)
Input High (Logic 1) Voltage, DQ, DQS, and DM Signals
VREF + 0.31
V
1, 2
VIL(AC)
Input Low (Logic 0) Voltage, DQ, DQS, and DM Signals
VREF − 0.31
V
1, 2
VID(AC)
Input Differential Voltage, CK and CK Inputs
0.62
VDDQ + 0.6
V
1, 2, 3
VIX(AC)
Input Crossing Point Voltage, CK and CK Inputs
0.5*VDDQ − 0.2 0.5*VDDQ + 0.2
V
1, 2, 4
1. Input slew rate = 1V/ns
.
2. Inputs are not recognized as valid until VREF stabilizes.
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same.
IDD Specifications and Conditions (0 °C ≤ TA ≤ 70 °C; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC
Characteristics)
Symbol
Parameter/Condition
DDR333
tCK=6ns
DDR333
tCK=6.6ns
Unit
Notes
IDD0
Operating Current: one bank; active / precharge; tRC = tRC (min); DQ, DM, and
DQS inputs changing twice per clock cycle; address and control inputs changing
once per clock cycle
85
mA
1
IDD1
Operating Current: one bank; active / read / precharge; Burst = 2; tRC = tRC
(min); CL = 2.5; IOUT = 0mA; address and control inputs changing once per clock
cycle
110
mA
1
IDD2P
Precharge Power-Down Standby Current: all banks idle; power-down mode;
CKE
≤ V
IL (max)
15
mA
1
IDD2N
Idle Standby Current: CS
≥ V
IH (min); all banks idle; CKE ≥ VIH (min);
address and control inputs changing once per clock cycle
35
mA
1
IDD3P
Active Power-Down Standby Current: one bank active; power-down mode;
CKE
≤ V
IL (max)
15
mA
1
IDD3N
Active Standby Current: one bank; active / precharge; CS
≥ V
IH (min);
CKE
≥ V
IH (min); tRC = tRAS (max); DQ, DM, and DQS inputs changing twice per
clock cycle; address and control inputs changing once per clock cycle
60
mA
1
IDD4R
Operating Current: one bank; Burst = 2; reads; continuous burst; address and
control inputs changing once per clock cycle; DQ and DQS outputs changing
twice per clock cycle; CL = 2.5; IOUT = 0mA
165
mA
1
IDD4W
Operating Current: one bank; Burst = 2; writes; continuous burst; address and
control inputs changing once per clock cycle; DQ and DQS inputs changing twice
per clock cycle; CL = 2.5
150
mA
1
IDD5
Auto-Refresh Current: tRC = tRFC (min)
170
mA
1
IDD6
Self-Refresh Current: CKE
≤ 0.2V
3
mA
1, 2
IDD7
Operating current: four bank; four bank interleaving with BL = 4, address and
control inputs randomly changing; 50% of data changing at every transfer;
t RC = t RC (min); I OUT = 0mA.
150
mA
1
1. IDD specifications are tested after the device is properly initialized.
2. Enables on-chip refresh and address counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com