Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5DS32M8AT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NT5DS32M8AT
Description  256Mb DDR333/300 SDRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT5DS32M8AT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 13Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 14Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb DDR333/300 SDRAM
Preliminary
10/01
11
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Commands
Truth Tables 1a and 1b provide a reference of the commands supported by DDR SDRAM devices. A verbal description of each
commands follows.
Truth Table 1a: Commands
Name (Function)
CS
RAS
CAS
WE
Address
MNE
Notes
Deselect (Nop)
H
X
X
X
X
NOP
1, 9
No Operation (Nop)
L
H
H
H
X
NOP
1, 9
Active (Select Bank And Activate Row)
L
L
H
H
Bank/Row
ACT
1, 3
Read (Select Bank And Column, And Start Read Burst)
L
H
L
H
Bank/Col
Read
1, 4
Write (Select Bank And Column, And Start Write Burst)
L
H
L
L
Bank/Col
Write
1, 4
Burst Terminate
L
H
H
L
X
BST
1, 8
Precharge (Deactivate Row In Bank Or Banks)
L
L
H
L
Code
PRE
1, 5
Auto Refresh Or Self Refresh (Enter Self Refresh Mode)
L
L
L
H
X
AR / SR
1, 6, 7
Mode Register Set
L
L
L
L
Op-Code
MRS
1, 2
1. CKE is high for all commands shown except Self Refresh.
2. BA0, BA1 select either the Base or the Extended Mode Register (BA0 = 0, BA1 = 0 selects Mode Register; BA0 = 1, BA1 = 0 selects
Extended Mode Register; other combinations of BA0-BA1 are reserved; A0-A12 provide the op-code to be written to the selected Mode
Register.)
3. BA0-BA1 provide bank address and A0-A12 provide row address.
4. BA0, BA1 provide bank address; A0-Ai provide column address (where i = 9 for x8 and 9, 11 for x4); A10 high enables the Auto Pre-
charge feature (nonpersistent), A10 low disables the Auto Precharge feature.
5. A10 LOW: BA0, BA1 determine which bank is precharged.
A10 HIGH: all banks are precharged and BA0, BA1 are “Don’t Care.”
6. This command is auto refreshif CKE is high; Self Refresh if CKE is low.
7. Internal refresh counter controls row and bank addressing; all inputs and I/Os are “Don’t Care” except for CKE.
8. Applies only to read bursts with Auto Precharge disabled; this command is undefined (and should not be used) for read bursts with Auto
Precharge enabled or for write bursts
9. Deselect and NOP are functionally interchangeable.
Truth Table 1b: DM Operation
Name (Function)
DM
DQs
Notes
Write Enable
L
Valid
1
Write Inhibit
H
X
1
1. Used to mask write data; provided coincident with the corresponding data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com