Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-B6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-B6SP
Description  white PLCC-2 package, clear silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-B6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-B6SP Datasheet HTML 1Page - OSRAM GmbH LS-B6SP Datasheet HTML 2Page - OSRAM GmbH LS-B6SP Datasheet HTML 3Page - OSRAM GmbH LS-B6SP Datasheet HTML 4Page - OSRAM GmbH LS-B6SP Datasheet HTML 5Page - OSRAM GmbH LS-B6SP Datasheet HTML 6Page - OSRAM GmbH LS-B6SP Datasheet HTML 7Page - OSRAM GmbH LS-B6SP Datasheet HTML 8Page - OSRAM GmbH LS-B6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-01-30
1
2017-01-30
Power SIDELED
Datasheet
Version 1.2
LS B6SP
Power SIDELED features a compact package with a
wide brightness range and high luminous efficiency.
Power SIDELED verfügt über eine platzsparende
Bauform mit einer breiten Spanne an Helligkeit und
hoher Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white PLCC-2 package, clear silicone
resin
•
Gehäusetyp: weisses PLCC-2 Gehäuse, klarer
Silikon - Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: super red (630 nm)
•
Farbe: super rot (630 nm)
•
Optical efficiency (typ.): 74 lm/W (super red)
•
Optischer Wirkungsgrad (typ.): 74 lm/W (super
rot)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen


Similar Part No. - LS-B6SP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LS-B6SP AMSOSRAM-LS-B6SP Datasheet
1Mb / 22P
Power SIDELED®
2020-06-29
More results

Similar Description - LS-B6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LUWG5GP OSRAM-LUWG5GP Datasheet
404Kb / 18P
white PLCC-4 package, clear silicone resin
LCWG5GP OSRAM-LCWG5GP Datasheet
437Kb / 20P
white PLCC-4 package, clear silicone resin
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-B6SP OSRAM-LA-B6SP Datasheet
676Kb / 21P
white PLCC-2 package, clear silicone resin
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-B6SP OSRAM-LR-B6SP Datasheet
675Kb / 21P
white PLCC-2 package, clear silicone resin
LY-B6SP OSRAM-LY-B6SP Datasheet
711Kb / 20P
white PLCC-2 package, clear silicone resin
LCW-G5GP OSRAM-LCW-G5GP Datasheet
437Kb / 20P
white PLCC-4 package, clear silicone resin
LUW-G5GP OSRAM-LUW-G5GP Datasheet
404Kb / 18P
white PLCC-4 package, clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com