Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-B6SP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LS-B6SP
Description  white PLCC-2 package, clear silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-B6SP Datasheet(HTML) 5 Page - OSRAM GmbH

  LS-B6SP Datasheet HTML 1Page - OSRAM GmbH LS-B6SP Datasheet HTML 2Page - OSRAM GmbH LS-B6SP Datasheet HTML 3Page - OSRAM GmbH LS-B6SP Datasheet HTML 4Page - OSRAM GmbH LS-B6SP Datasheet HTML 5Page - OSRAM GmbH LS-B6SP Datasheet HTML 6Page - OSRAM GmbH LS-B6SP Datasheet HTML 7Page - OSRAM GmbH LS-B6SP Datasheet HTML 8Page - OSRAM GmbH LS-B6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.2
LS B6SP
2017-01-30
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups 3) page 20
Dominant Wellenlängengruppen
3) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [cd]
(max.) I
v [cd]
(typ.) Φ
V [lm]
CA
2.8
3.55
10
CB
3.55
4.5
12.6
DA
4.5
5.6
15.9
DB
5.6
7.1
19.9
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
G3
1.90
2.05
K3
2.05
2.20
N3
2.20
2.35
R3
2.35
2.50
U3
2.50
2.65
Group
super red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
627
639
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com