Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-L296 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-L296
Description  SMT package 0603, colorless diffused resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-L296 Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-L296 Datasheet HTML 1Page - OSRAM GmbH LS-L296 Datasheet HTML 2Page - OSRAM GmbH LS-L296 Datasheet HTML 3Page - OSRAM GmbH LS-L296 Datasheet HTML 4Page - OSRAM GmbH LS-L296 Datasheet HTML 5Page - OSRAM GmbH LS-L296 Datasheet HTML 6Page - OSRAM GmbH LS-L296 Datasheet HTML 7Page - OSRAM GmbH LS-L296 Datasheet HTML 8Page - OSRAM GmbH LS-L296 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2012-10-01
1
2012-10-01
SMARTLED
Datasheet
Version 1.0 (Replacement in due course)
LS L296
Features:
Besondere Merkmale:
• Package: SMT package 0603, colorless diffused
resin
• Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 160°
• Abstrahlwinkel bei 50 % IV: 160°
• Color: super red
• Farbe: super rot
• ESD - withstand voltage: 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 2 kV nach JESD22-A114-F
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
•Toys
• Spielsachen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Outdoor displays
• Informationsanzeigen im Außenbereich


Similar Part No. - LS-L296

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
SMT package 0603, colorless diffused resin
More results

Similar Description - LS-L296

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGQ396-PS-35 OSRAM-LGQ396-PS-35 Datasheet
1Mb / 20P
SMT package 0603, colorless diffused resin
LOQ976-PS-25 OSRAM-LOQ976-PS-25 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin
LA-L296 OSRAM-LA-L296 Datasheet
388Kb / 20P
SMT package 0603, colorless diffused resin
LB-L293 OSRAM-LB-L293 Datasheet
396Kb / 21P
SMT package 0603, colorless diffused resin
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com