Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-L296 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LS-L296
Description  SMT package 0603, colorless diffused resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-L296 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LS-L296 Datasheet HTML 12Page - OSRAM GmbH LS-L296 Datasheet HTML 13Page - OSRAM GmbH LS-L296 Datasheet HTML 14Page - OSRAM GmbH LS-L296 Datasheet HTML 15Page - OSRAM GmbH LS-L296 Datasheet HTML 16Page - OSRAM GmbH LS-L296 Datasheet HTML 17Page - OSRAM GmbH LS-L296 Datasheet HTML 18Page - OSRAM GmbH LS-L296 Datasheet HTML 19Page - OSRAM GmbH LS-L296 Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2012-10-01
16
Version 1.0 (Replacement in due course)
LS L296
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm (inch)
Width / Breite
Length / Länge
Height / Höhe
200 ± 5 (7.874 ± 0.196)
195 ± 5 (7.677 ± 0.1968)
30 ± 5 (1.181 ± 0.196)
OHA02044
1
0
1
1
210021998
0
2
45
Packing
Sealing label
Barcode label
M
o
isture
Le
vel
3
F
lo
or
ti
m
e
1
6
8
H
o
urs
M
o
is
tu
re
Le
v
el
6
Fl
oor
tim
e
6
H
our
s
a
) H
um
idity
I
n
di
c
at
or
C
a
rd
is
>
1
0%
w
hen
re
ad
a
t
23
˚C
±
5
˚
C,
o
r
re
flow
, v
a
po
r-p
h
as
e
re
flo
w
, o
r e
q
u
iv
ale
nt
proc
es
s
in
g
(p
ea
k
p
ac
k
ag
e
2
. A
fte
r thi
s
b
ag
is
ope
ne
d,
d
ev
ic
es
t
hat
w
ill
b
e
s
u
b
jec
ted
to
i
n
fra
red
1
. S
he
lf
l
if
e
in
s
eal
e
d
ba
g
:
2
4
m
ont
hs
at
<
40
˚C
a
n
d
<
90%
re
la
tiv
e
hu
m
idi
ty
(R
H)
.
M
ois
tu
re
Le
vel
5
a
at
f
ac
to
ry
c
o
n
diti
on
s
o
f
(if
blan
k,
se
a
l dat
e
is
i
de
ntic
a
l w
ith
da
te
c
od
e
).
a
) M
ou
nte
d
w
ith
in
b)
St
ore
d
at
bod
y
tem
p.
3
. D
ev
ice
s
re
q
u
ir
e
ba
ki
ng,
be
fore
m
ou
nting
, if:
B
ag
s
ea
l d
ate
M
o
is
tu
re
Lev
e
l 1
M
ois
tu
re
L
ev
e
l
2
M
ois
ture
L
ev
el
2
a
4.
If
b
ak
ing
is
re
q
uire
d,
b
) 2a
or
2b
is
n
ot
m
et.
D
a
te
a
nd
t
im
e
o
pen
ed:
ref
ere
n
c
e
I
PC
/JE
D
E
C
J
-S
TD
-0
3
3
f
or
b
ak
e
pro
ced
u
re.
Floo
r tim
e
s
ee
be
lo
w
If
b
la
nk,
se
e
b
ar
c
ode
l
abe
l
Fl
o
or
tim
e
>
1
Y
ear
Floo
r tim
e
1
Ye
ar
F
lo
o
r tim
e
4
W
e
e
k
s
1
0%
R
H
.
_
<
M
o
is
tu
re
Le
ve
l 4
M
o
ist
ure
L
e
vel
5
˚C
).
OP
TO
S
E
M
IC
O
N
D
U
C
TO
R
S
M
O
IS
T
UR
E
S
E
N
S
IT
IV
E
Th
is
b
ag
con
ta
in
s
CA
U
TION
F
lo
o
r tim
e
7
2
Ho
u
rs
F
loo
r ti
m
e
4
8
H
ou
rs
F
loo
r tim
e
24
H
ou
rs
3
0
˚C
/60%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com