Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-M47K Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LS-M47K
Description  white SMT package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-M47K Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LS-M47K Datasheet HTML 4Page - OSRAM GmbH LS-M47K Datasheet HTML 5Page - OSRAM GmbH LS-M47K Datasheet HTML 6Page - OSRAM GmbH LS-M47K Datasheet HTML 7Page - OSRAM GmbH LS-M47K Datasheet HTML 8Page - OSRAM GmbH LS-M47K Datasheet HTML 9Page - OSRAM GmbH LS-M47K Datasheet HTML 10Page - OSRAM GmbH LS-M47K Datasheet HTML 11Page - OSRAM GmbH LS-M47K Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2014-01-08
8
Version 1.1 (not for new design)
LS M47K
Forward Current 7) page 18
Durchlassstrom 7) Seite18
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 18 , 8) page 18
Relative Lichtstärke 7) Seite 18 , 8) Seite 18
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 18
Relative Lichtstärke 7) Seite 18
IV/IV(25)°C = f(Tj); IF = 2 mA
10
10-3
10-2
-1
100
101
102
OHL00388
1.4
I
F
V
F
1.6
1.8
2.0
2.2
V 2.6
mA
OHL00376
10-1
I
10
0
mA
V (2 mA)
I
V
I
F
10
12
10
0
10
1
10
102
super-red
orange
yellow
5
5
5
0.0
OHL00290
˚C
T
-60
V
V (25 ˚C)
Ι
Ι
-40 -20
020
40
60
100
0.5
1.0
1.5
2.5
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com