Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-M47K Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LS-M47K
Description  white SMT package, colorless clear resin
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-M47K Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LS-M47K Datasheet HTML 6Page - OSRAM GmbH LS-M47K Datasheet HTML 7Page - OSRAM GmbH LS-M47K Datasheet HTML 8Page - OSRAM GmbH LS-M47K Datasheet HTML 9Page - OSRAM GmbH LS-M47K Datasheet HTML 10Page - OSRAM GmbH LS-M47K Datasheet HTML 11Page - OSRAM GmbH LS-M47K Datasheet HTML 12Page - OSRAM GmbH LS-M47K Datasheet HTML 13Page - OSRAM GmbH LS-M47K Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2014-01-08
10
Version 1.1 (not for new design)
LS M47K
Package Outline 9) page18
Maßzeichnung 9) Seite 18
Approximate Weight:
9 mg
Gewicht:
9 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S / 336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 % rh
/ 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 % rh /
10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
Cathode marking
Cathode marking
Pick Up Area
1.3 (0.051)
(black line)
GPLY6069
1.5 (0.059)
1.3 (0.051)
1.0 (0.039)
0.8 (0.031)
(0.4 (0.016))
1.5 (0.059)
1.1 (0.043)
Cathode marking
Light emitting window
typ. 1.5 (0.059) x 1.0 (0.039)
(phased edges)
0.8 (0.031)
1.0 (0.039)
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com