Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-P47F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LS-P47F
Description  white SMT package, colorless clear resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-P47F Datasheet(HTML) 4 Page - OSRAM GmbH

  LS-P47F Datasheet HTML 1Page - OSRAM GmbH LS-P47F Datasheet HTML 2Page - OSRAM GmbH LS-P47F Datasheet HTML 3Page - OSRAM GmbH LS-P47F Datasheet HTML 4Page - OSRAM GmbH LS-P47F Datasheet HTML 5Page - OSRAM GmbH LS-P47F Datasheet HTML 6Page - OSRAM GmbH LS-P47F Datasheet HTML 7Page - OSRAM GmbH LS-P47F Datasheet HTML 8Page - OSRAM GmbH LS-P47F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2013-10-11
4
Version 1.3
LS P47F
Characteristics (TS = 25 °C; IF = 30 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
645
nm
Dominant Wavelength 3)page 20
Dominantwellenlänge 3) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
627
633
639
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
15
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage 4) page 20
Durchlassspannung 4)Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
1.80
2.20
2.40
V
V
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ.)
(max.)
IR
IR
0.2
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.15
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.05
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.50
mV/K
Real thermal resistance junction / ambient
5) page 20 , 6) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 20 , 6) Seite 20
(max.)
Rth JA real
420
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
Rth JS real
200
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com