Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-P47F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LS-P47F
Description  white SMT package, colorless clear resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-P47F Datasheet(HTML) 5 Page - OSRAM GmbH

  LS-P47F Datasheet HTML 1Page - OSRAM GmbH LS-P47F Datasheet HTML 2Page - OSRAM GmbH LS-P47F Datasheet HTML 3Page - OSRAM GmbH LS-P47F Datasheet HTML 4Page - OSRAM GmbH LS-P47F Datasheet HTML 5Page - OSRAM GmbH LS-P47F Datasheet HTML 6Page - OSRAM GmbH LS-P47F Datasheet HTML 7Page - OSRAM GmbH LS-P47F Datasheet HTML 8Page - OSRAM GmbH LS-P47F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LS P47F
2013-10-11
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 20
Durchlassspannungsgruppen 4)Seite 20
Dominant Wavelength Groups 3) page 20
Dominant Wellenlängengruppen 3) Seite 20
Group
Luminous Intensity
1) page 20
Luminous Intensity
1) page 20
Luminous Flux 7) page 20
Gruppe
Lichtstärke 1)Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 7) Seite 20
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
U1
450
560
1520
U2
560
710
1910
V1
710
900
2420
V2
900
1120
3030
AA
1120
1400
3780
Note:
The standard shipping format for serial types includes a grouping of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen
sind nicht bestellbar.
Group
Gruppe
(min.) VF [V] (max.) VF [V]
3A
1.80
1.95
3B
1.95
2.10
4A
2.10
2.25
4B
2.25
2.40
Group
super red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
627
639
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com