Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-R976 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LS-R976
Description  SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-R976 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LS-R976 Datasheet HTML 6Page - OSRAM GmbH LS-R976 Datasheet HTML 7Page - OSRAM GmbH LS-R976 Datasheet HTML 8Page - OSRAM GmbH LS-R976 Datasheet HTML 9Page - OSRAM GmbH LS-R976 Datasheet HTML 10Page - OSRAM GmbH LS-R976 Datasheet HTML 11Page - OSRAM GmbH LS-R976 Datasheet HTML 12Page - OSRAM GmbH LS-R976 Datasheet HTML 13Page - OSRAM GmbH LS-R976 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2012-11-06
10
Version 1.0
LS R976
Package Outline 9) page19
Maßzeichnung 9) Seite 19
Approximate Weight:
3 mg
Gewicht:
3 mg
mark
Cathode
ø0.6 (ø0.024)
1.35 (0.053)
0.9 (0.035)
0.4 (0.016)
Soldering terminal
GEOY6024
1.15 (0.045)
ø0.4 (ø0.016)
0.2 (0.008)
0.7 (0.028)
may flow in x, y direction
1.25 (0.049)
1.05 (0.041)
Cathode mark
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com