Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-R976 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LS-R976
Description  SMT package 0805, colorless diffused resin, 2 mm x 1.25 mm x 0.8 mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-R976 Datasheet(HTML) 5 Page - OSRAM GmbH

  LS-R976 Datasheet HTML 1Page - OSRAM GmbH LS-R976 Datasheet HTML 2Page - OSRAM GmbH LS-R976 Datasheet HTML 3Page - OSRAM GmbH LS-R976 Datasheet HTML 4Page - OSRAM GmbH LS-R976 Datasheet HTML 5Page - OSRAM GmbH LS-R976 Datasheet HTML 6Page - OSRAM GmbH LS-R976 Datasheet HTML 7Page - OSRAM GmbH LS-R976 Datasheet HTML 8Page - OSRAM GmbH LS-R976 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 1.0
LS R976
2012-11-06
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Intensity
1) page 19
Luminous Intensity
1) page 19
Luminous Flux 7) page 19
Gruppe
Lichtstärke 1)Seite 19
Lichtstärke 1) Seite 19
Lichtstrom 7) Seite 19
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
N28
45
110
P45
71
180
Q
71
112
290
R
112
180
460
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen bestehen. Einzelne Helligkeitsgruppen sind nicht bestellbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com