Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13402 Datasheet(PDF) 14 Page - Ledil, Inc.

Part # F13402
Description  ~50째 wide beam
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13402 Datasheet(HTML) 14 Page - Ledil, Inc.

Back Button F13402 Datasheet HTML 10Page - Ledil, Inc. F13402 Datasheet HTML 11Page - Ledil, Inc. F13402 Datasheet HTML 12Page - Ledil, Inc. F13402 Datasheet HTML 13Page - Ledil, Inc. F13402 Datasheet HTML 14Page - Ledil, Inc. F13402 Datasheet HTML 15Page - Ledil, Inc. F13402 Datasheet HTML 16Page - Ledil, Inc. F13402 Datasheet HTML 17Page - Ledil, Inc. F13402 Datasheet HTML 18Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
PRODUCT
DATASHEET
F13402_ANGELINA-W
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON CoB 1211
FWHM
53.0°
Efficiency
91 %
Peak intensity
0.910 cd/lm
Required components:
IDEAL: 50-2204-CT + 50-2100AN
LED
LUXEON K12
FWHM
45.0°
Efficiency
94 %
Peak intensity
1.150 cd/lm
Required components:
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
LUXEON K12
FWHM
54.0°
Efficiency
89 %
Peak intensity
1.000 cd/lm
Required components:
F13671_ANGE-RZ-LENS
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
LUXEON K16
FWHM
48.0°
Efficiency
94 %
Peak intensity
1.000 cd/lm
Required components:
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Last update: 29/05/2018
Subject to change without prior notice
14/33
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com