Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13402 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13402
Description  ~50째 wide beam
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13402 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13402 Datasheet HTML 1Page - Ledil, Inc. F13402 Datasheet HTML 2Page - Ledil, Inc. F13402 Datasheet HTML 3Page - Ledil, Inc. F13402 Datasheet HTML 4Page - Ledil, Inc. F13402 Datasheet HTML 5Page - Ledil, Inc. F13402 Datasheet HTML 6Page - Ledil, Inc. F13402 Datasheet HTML 7Page - Ledil, Inc. F13402 Datasheet HTML 8Page - Ledil, Inc. F13402 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRODUCT
DATASHEET
F13402_ANGELINA-W
ANGELINA-W
~50° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 82 mm
Height
31 mm
Fastening
socket
Colour
metal
Box size
480 x 280 x 300 mm
Box weight
11.3 kg
Quantity in Box
900 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
ANGELINA-W
Reflector
PC
metal
HMDS
Last update: 29/05/2018
Subject to change without prior notice
1/33
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - F13402

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F13 RALTRON-F13 Datasheet
30Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Fox Electronics
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results

Similar Description - F13402

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10364 LEDIL-C10364 Datasheet
3Mb / 4P
~50째 wide beam
C10387 LEDIL-C10387 Datasheet
1Mb / 4P
~50째 wide beam
CN17388 LEDIL-CN17388 Datasheet
4Mb / 4P
~50째 wide beam
CN17386 LEDIL-CN17386 Datasheet
2Mb / 4P
~50째 wide beam
DAISY-2X2-W LEDIL-DAISY-2X2-W Datasheet
5Mb / 7P
~50째 wide beam
DAISY-8X1-W-MATT LEDIL-DAISY-8X1-W-MATT Datasheet
3Mb / 5P
~50째 wide beam
C12767 LEDIL-C12767 Datasheet
1Mb / 4P
~50째 wide beam
CA14442 LEDIL-CA14442 Datasheet
10Mb / 14P
~50째 wide beam
FA11207 LEDIL-FA11207 Datasheet
2Mb / 6P
~50째 wide beam
C14928 LEDIL-C14928 Datasheet
1Mb / 5P
~50째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com