Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-LL90-3 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPL-LL90-3
Description  Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-LL90-3 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPL-LL90-3 Datasheet HTML 1Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 2Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 3Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 4Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 5Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 6Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 7Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2017-05-24
2
Version 1.2
SPL LL90_3
Maximum Ratings (short time operation / kurzzeitiger Betrieb, TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Peak output power
P
peak
80
W
Charge voltage
(V
G = 15 V)
V
C
20
V
Gate voltage
V
G
-20 ... 20
V
Duty cycle
dc
0.1
%
Operating temperature
Top
-40 ... 100
°C
Junction temperature
1) page 7
Tj
105
°C
Storage temperature range
Tstg
-40 ... 100
°C
Soldering temperature
(tmax = 10 s)
Ts
260
°C
Parameter
Symbol
Values
Unit
min
typ
max
Emission wavelength 2) page 7
λ
peak
895
905
915
nm
Spectral width (FWHM) 2) page 7
∆λ
7
nm
Peak output power 2) page 7
P
opt
60
70
80
W
Charge voltage at laser threshold
UC, th
4
4.5
5
V
Pulse width (FWHM)
2) page 7 , 3) page 7
tP
37
40
43
ns
Rise time
2) page 7 , 3) page 7
tr
7
10
13
ns
Fall Time
2) page 7 , 3) page 7
tf
40
45
50
ns
Jitter (regarding trigger signal and optical pulse)
tj
170
500
ps
Aperture size
w x h
200
x 10
µm x
µm
Beam divergence (FWHM) parallel to pn-junction
2) page 7
Θ
||
12
15
18
°
Beam divergence (FWHM) perpendicular to
pn-junction
2) page 7
Θ
⊥
27
30
33
°
Temperature coefficient of wavelength
∆λ / ∆T
0.3
0.33 nm / K
Thermal resistance
Rth
200
K / W
Switch on gate voltage
VG on
5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com