Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL-LL90-3 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPL-LL90-3
Description  Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-LL90-3 Datasheet(HTML) 4 Page - OSRAM GmbH

  SPL-LL90-3 Datasheet HTML 1Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 2Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 3Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 4Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 5Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 6Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 7Page - OSRAM GmbH SPL-LL90-3 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2017-05-24
4
Version 1.2
SPL LL90_3
Optical Output Power vs. Charge Voltage
Popt = f(VC), tp = 30 ns, PRF = 1 kHz
Max. Charge Voltage vs. Ambient Temperature
VCmax = f(TA), tp = 30 ns, VC ≤ 19 V, chip temp. ≤
105 °C
Peak Output Power at Max. Charge Voltage vs.
Ambient Temperature
Popt = f(TA), tp = 30 ns
0
0
V
Popt
OHL01908
C
5
10
15
20
25
10
20
30
40
50
60
70
80
90
V
W
TA =
-40 ˚C
-20 ˚C
0 ˚C
20 ˚C
40 ˚C
60 ˚C
80 ˚C
100 ˚C
-40
0
T
VC max
OHL01904
A
40 kHz
10 kHz
20 kHz
30 kHz
-20
0
20 40 60 80
˚C 120
2
4
6
8
10
12
14
16
18
20
V
-40
0
T
Popt
OHL01905
A
40 kHz
10 kHz
1 kHz
20 kHz
30 kHz
10
20
30
40
50
60
70
80
W
-20
0
20 40 60 80
˚C 120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com