Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39504 Datasheet(PDF) 5 Page - Microchip Technology

Part # 39504
Description  Section 4. Architecture
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

39504 Datasheet(HTML) 5 Page - Microchip Technology

  39504 Datasheet HTML 1Page - Microchip Technology 39504 Datasheet HTML 2Page - Microchip Technology 39504 Datasheet HTML 3Page - Microchip Technology 39504 Datasheet HTML 4Page - Microchip Technology 39504 Datasheet HTML 5Page - Microchip Technology 39504 Datasheet HTML 6Page - Microchip Technology 39504 Datasheet HTML 7Page - Microchip Technology 39504 Datasheet HTML 8Page - Microchip Technology 39504 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2000 Microchip Technology Inc.
DS39504A-page 4-5
Section 4 Architecture
4
4.2
Clocking Scheme/Instruction Cycle
The clock input is internally divided by four to generate four non-overlapping quadrature clocks,
namely Q1, Q2, Q3 and Q4. Internally, the program counter is incremented every Q1, and the
instruction is fetched from the program memory and latched into the instruction register in Q4.
The instruction is decoded and executed during the following Q1 through Q4. The clocks and
instruction execution flow are illustrated in Figure 4-3 and Example 4-1.
Figure 4-3: Clock/Instruction Cycle
4.2.1
Phase Lock Loop (PLL)
The clock input is multiplied by four by the PLL. Therefore, when it is internally divided by four, it
provides an instruction cycle that is the same frequency as the external clock frequency. Four
non-overlapping quadrature clocks, namely Q1, Q2, Q3 and Q4 are still generated internally.
Internally, the program counter (PC) is incremented every Q1, and the instruction is fetched from
the program memory and latched into the instruction register in Q4. The instruction is decoded
and executed during the following Q1 through Q4. The clocks and instruction execution flow are
illustrated in Figure 4-4 and Example 4-1.
Figure 4-4: Clock/Instruction Cycle with PLL
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Device Clock
Q1
Q2
Q3
Q4
PC
CLKOUT
(RC mode)
PC
PC+2
PC+4
Fetch INST (PC)
Execute INST (PC-2)
Fetch INST (PC+2)
Execute INST (PC)
Fetch INST (PC+4)
Execute INST (PC+2)
Internal
phase
clock
TCY1TCY2TCY3
(OSC1 or T1OSCI)
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
PLL Output
Q1
Q2
Q3
Q4
PC
OSC2/CLKOUT
(RC mode)
PC
PC+2
PC+4
Fetch INST (PC)
Execute INST (PC-2)
Fetch INST (PC+2)
Execute INST (PC)
Fetch INST (PC+4)
Execute INST (PC+2)
Internal
phase
clock
TCY1TCY2TCY3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com