Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39504 Datasheet(PDF) 2 Page - Microchip Technology

Part # 39504
Description  Section 4. Architecture
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

39504 Datasheet(HTML) 2 Page - Microchip Technology

  39504 Datasheet HTML 1Page - Microchip Technology 39504 Datasheet HTML 2Page - Microchip Technology 39504 Datasheet HTML 3Page - Microchip Technology 39504 Datasheet HTML 4Page - Microchip Technology 39504 Datasheet HTML 5Page - Microchip Technology 39504 Datasheet HTML 6Page - Microchip Technology 39504 Datasheet HTML 7Page - Microchip Technology 39504 Datasheet HTML 8Page - Microchip Technology 39504 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PIC18C Reference Manual
DS39504A-page 4-2
 2000 Microchip Technology Inc.
4.1
Introduction
The high performance of the PIC18CXXX devices can be attributed to a number of architectural
features commonly found in RISC microprocessors. These include:
• Harvard architecture
• Long Word Instructions
• Single Word Instructions
• Single Cycle Instructions
• Instruction Pipelining
• Reduced Instruction Set
• Register File Architecture
• Orthogonal (Symmetric) Instructions
Figure 4-2 shows a general block diagram for PIC18CXXX devices.
Harvard Architecture:
Harvard architecture has the program memory and data memory as separate memories which
are accessed from separate buses. This improves bandwidth over traditional von Neumann
architecture in which program and data are fetched from the same memory using the same bus.
To execute an instruction, a von Neumann machine must make one or more (generally more)
accesses across the 8-bit bus to fetch the instruction. Then data may need to be fetched, oper-
ated on and possibly written. As can be seen from this description, the bus can become
extremely congested. With a Harvard architecture, the instruction is fetched in a single instruction
cycle (all 16 bits). While the program memory is being accessed, the data memory is on an inde-
pendent bus and can be read and written. These separated busses allow one instruction to exe-
cute, while the next instruction is fetched. A comparison of Harvard and von Neumann
architectures is shown in Figure 4-1.
Figure 4-1: Harvard vs. von Neumann Block Architectures
Long Word Instructions:
Long word instructions have a wider (more bits) instruction bus than the 8-bit data memory bus.
This is possible because the two buses are separate. This allows instructions to be sized differ-
ently than the 8-bit wide data word and allows a more efficient use of the program memory, since
the program memory width is optimized to the architectural requirements.
Single Word Instructions:
Single word instruction opcodes are 16-bits wide making it possible to have all but a few instruc-
tions be single word instructions. A 16-bit wide program memory access bus fetches a 16-bit
instruction in a single cycle. With single word instructions, the number of words of program mem-
ory locations equals the number of instructions for the device. This means that all locations are
valid instructions.
Typically in the von Neumann architecture, most instructions are multi-byte. In general, a device
with 4 Kbytes of program memory would allow approximately 2K of instructions. This 2:1 ratio is
generalized and dependent on the application code. Since each instruction may take multiple
bytes, there is no assurance that each location is a valid instruction.
Program
Memory
Data
Memory
Program
Memory
and
Data
CPU
CPU
8
8
16
Harvard
von Neumann



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com