Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9250
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9250 Datasheet HTML 9Page - Infineon Technologies AG TLE9250 Datasheet HTML 10Page - Infineon Technologies AG TLE9250 Datasheet HTML 11Page - Infineon Technologies AG TLE9250 Datasheet HTML 12Page - Infineon Technologies AG TLE9250 Datasheet HTML 13Page - Infineon Technologies AG TLE9250 Datasheet HTML 14Page - Infineon Technologies AG TLE9250 Datasheet HTML 15Page - Infineon Technologies AG TLE9250 Datasheet HTML 16Page - Infineon Technologies AG TLE9250 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
13
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Changing the mode of operation
6.2
Mode change by the NEN and NRM pins
When the TLE9250 is supplied with the digital voltage VCC the internal logic works and mode change by the
mode selection pins NEN and NRM is possible.
By default the NRM input pin and the NEN input pin are logical “high” due to the internal pull-up current source
to VCC.
Changing the NEN input pin to logical “low” in Power-save mode triggers a mode change to Normal-operating
mode (see Figure 7). To enter Normal-operating mode the NRM input pin has to be logical “high” and the
transmitter supply VCC needs to be available.
Receive-only mode can be entered from Normal-operating mode and Power-save mode by setting the NRM
pin to logical “low”. To enter Receive-only mode the NEN input pin and the NRM input pin has to be logical
“low” and the transmitter supply VCC needs to be available. The device remains in Power-save mode
independently of state of the NRM input pin.
Figure 7
Mode selection by the NEN and NRM pins
NEN
NRM
VCC
Power-down
state
“X”
“X”
“off”
Normal-operating
mode
NEN
NRM
VCC
0
1
“on”
Receive-only
mode
NEN
NRM
VCC
0
0
“on”
Power-save
mode
NEN
NRM
VCC
1
“X”
“on”
NEN “1”
NRM “X”
NEN “0”
NRM “1”
NEN “1”
NRM “X”
NEN “0”
NRM “0”
NEN “0”
NRM “0”
NEN “0”
NRM “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com