Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9250 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE9250
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE9250 Datasheet HTML 1Page - Infineon Technologies AG TLE9250 Datasheet HTML 2Page - Infineon Technologies AG TLE9250 Datasheet HTML 3Page - Infineon Technologies AG TLE9250 Datasheet HTML 4Page - Infineon Technologies AG TLE9250 Datasheet HTML 5Page - Infineon Technologies AG TLE9250 Datasheet HTML 6Page - Infineon Technologies AG TLE9250 Datasheet HTML 7Page - Infineon Technologies AG TLE9250 Datasheet HTML 8Page - Infineon Technologies AG TLE9250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet
2
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Overview
Description
The TLE9250 is the latest Infineon high-speed CAN transceiver generation, used inside HS CAN networks for
automotive and also for industrial applications. It is designed to fulfill the requirements of ISO 11898-2 (2016)
physical layer specification and respectively also the SAE standards J1939 and J2284.
The TLE9250 is available in a PG-DSO-8 package and in a small, leadless PG-TSON-8 package. Both packages
are RoHS compliant and halogen free. Additionally the PG-TSON-8 package supports the solder joint
requirements for automated optical inspection (AOI).
As an interface between the physical bus layer and the HS CAN protocol controller, the TLE9250 protects the
microcontroller against interferences generated inside the network. A very high ESD robustness and the
perfect RF immunity allows the use in automotive application without adding additional protection devices,
like suppressor diodes for example.
While the transceiver TLE9250 is not supplied the bus is switched off and illustrate an ideal passive behavior
with the lowest possible load to all other subscribers of the HS CAN network.
Based on the high symmetry of the CANH and CANL output signals, the TLE9250 provides a very low level of
electromagnetic emission (EME) within a wide frequency range. The TLE9250 fulfills even stringent EMC test
limits without additional external circuit, like a common mode choke for example.
The perfect transmitter symmetry combined with the optimized delay symmetry of the receiver enables the
TLE9250 to support CAN FD data frames. Depending on the size of the network and the along coming parasitic
effects the device supports bit rates up to 5 MBit/s.
Fail-safe features like overtemperature protection, output current limitation or the TxD time-out feature
protect the TLE9250 and the external circuitry from irreparable damage.
Type
Package
Marking
TLE9250LE
PG-TSON-8
9250
TLE9250SJ
PG-DSO-8
9250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com