Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7268 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE7268
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE7268 Datasheet HTML 26Page - Infineon Technologies AG TLE7268 Datasheet HTML 27Page - Infineon Technologies AG TLE7268 Datasheet HTML 28Page - Infineon Technologies AG TLE7268 Datasheet HTML 29Page - Infineon Technologies AG TLE7268 Datasheet HTML 30Page - Infineon Technologies AG TLE7268 Datasheet HTML 31Page - Infineon Technologies AG TLE7268 Datasheet HTML 32Page - Infineon Technologies AG TLE7268 Datasheet HTML 33Page - Infineon Technologies AG TLE7268 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
30
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Application information
8.5
RxDx pull-up resistor
The receive data outputs RxD1/RxD2 provide open drain behavior for allowing the output level to be adapted
to the microcontroller supply voltage. Because of this, 3.3 V microcontroller derivatives without 5 V tolerant
ports can be used. In case the microcontroller port pin does not provide integrated pull-up circuits, external
pull-up resistors connected to the microcontroller logic supply voltage VIO are required.
Figure 16 shows typical RxD1/RxD2 pin input current and input voltage characteristics across temperature.
The RxDx pull-up resistors can be dimensioned according to the minimum “high”-level input voltage and the
maximum “low”-level input voltage of the application’s microcontroller port pins’ (Rx). Typically pull-up
resistors RRxD1/RRxD2 of 2.4 kΩ are recommended.
Figure 16
RxDx pin input typical current and voltage characteristics
8.6
Further application information
• Please contact Infineon for information regarding the FMEA pin
• For further information you may contact www.infineon.com/automotive-transceiver
1.0
2.0
3.0
4.0
5.0
6.0
250
500
750
1000
1250
1500
1750
2000
iRxD1, iRxD2 [mA]
TLE7268_RXD_CURRENT_V00
T
j = 150°C
T
j = 27°C
T
j = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com