Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7268 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7268
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7268 Datasheet HTML 17Page - Infineon Technologies AG TLE7268 Datasheet HTML 18Page - Infineon Technologies AG TLE7268 Datasheet HTML 19Page - Infineon Technologies AG TLE7268 Datasheet HTML 20Page - Infineon Technologies AG TLE7268 Datasheet HTML 21Page - Infineon Technologies AG TLE7268 Datasheet HTML 22Page - Infineon Technologies AG TLE7268 Datasheet HTML 23Page - Infineon Technologies AG TLE7268 Datasheet HTML 24Page - Infineon Technologies AG TLE7268 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
21
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Electrical characteristics
7.1.2.2
Undervoltage detection
Current consumption at VS, Sleep mode
(both transceivers)
IS,sleep
1
12
20
µA
Sleep mode,
VS = VBUS1 = VBUS2
P_7.1.8
Current consumption at VS, Sleep mode
(both transceivers), BUS1 and BUS2
shorted to GND
IS,SC_GND 200 –
1600 µA
Sleep mode,
VS = 13.5 V;
VBUS1 = VBUS2 =0V
P_7.1.9
Table 8
Undervoltage detection
5.5 V < VS <18 V; RL = 500 Ω; -40 °C < TJ < 150 °C
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Power-on reset level
on VS
VS,PON
–
–
4.3
V
Reset level for mode
change
P_7.1.10
Undervoltage
detection threshold
VS,UV
4.4
5.0
5.5
V
P_7.1.11
Undervoltage
detection hysteresis
VS,UV,HYS
–
300
–
mV 1)
1) Not subject to production test, specified by design
P_7.1.12
Undervoltageblanking
time
tBLANK,UV
–10
–
µs
1)
P_7.1.13
Table 7
Current consumption (cont’d)
5.5 V < VS <18 V; RL = 500 Ω; -40 °C < TJ < 150 °C
all voltages with respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com