Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7202CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7202CS
Description  High Speed, Dual Channel Power MOSFET Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7202CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7202CS Datasheet HTML 1Page - Renesas Technology Corp EL7202CS Datasheet HTML 2Page - Renesas Technology Corp EL7202CS Datasheet HTML 3Page - Renesas Technology Corp EL7202CS Datasheet HTML 4Page - Renesas Technology Corp EL7202CS Datasheet HTML 5Page - Renesas Technology Corp EL7202CS Datasheet HTML 6Page - Renesas Technology Corp EL7202CS Datasheet HTML 7Page - Renesas Technology Corp EL7202CS Datasheet HTML 8Page - Renesas Technology Corp EL7202CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN7282 Rev 2.00
Page 1 of 9
July 3, 2006
FN7282
Rev 2.00
July 3, 2006
EL7202, EL7212, EL7222
High Speed, Dual Channel Power MOSFET Drivers
DATASHEET
The EL7202, EL7212, EL7222 ICs are matched dual-drivers
that improve the operation of the industry standard DS0026
clock drivers. The Elantec versions are very high speed
drivers capable of delivering peak currents of 2.0 amps into
highly capacitive loads. The high speed performance is
achieved by means of a proprietary “Turbo-Driver” circuit
that speeds up input stages by tapping the wider voltage
swing at the output. Improved speed and drive capability are
enhanced by matched rise and fall delay times. These
matched delays maintain the integrity of input-to-output
pulse-widths to reduce timing errors and clock skew
problems. This improved performance is accompanied by a
10 fold reduction in supply currents over bipolar drivers, yet
without the delay time problems commonly associated with
CMOS devices. Dynamic switching losses are minimized
with non-overlapped drive techniques.
Pinouts
Features
• Industry standard driver replacement
• Improved response times
• Matched rise and fall times
• Reduced clock skew
• Low output impedance
• Low input capacitance
• High noise immunity
• Improved clocking rate
• Low supply current
• Wide operating voltage range
• Pb-Free available (RoHS compliant)
Applications
• Clock/line drivers
• CCD Drivers
• Ultra-sound transducer drivers
• Power MOSFET drivers
• Switch mode power supplies
• Class D switching amplifiers
• Ultrasonic and RF generators
• Pulsed circuits
EL7212
(8-PIN PDIP, SO)
TOP VIEW
EL7222
(8-PIN PDIP, SO)
TOP VIEW
INVERTING
DRIVERS
COMPLEMENTARY
DRIVERS
EL7202
(8-PIN PDIP, SO)
TOP VIEW
NON-INVERTING
DRIVERS
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047


Similar Part No. - EL7202CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7202CS ELANTEC-EL7202CS Datasheet
219Kb / 8P
High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202CS INTERSIL-EL7202CS Datasheet
126Kb / 7P
High Speed, Dual Channel Power MOSFET Drivers
May 9, 2005
EL7202CS INTERSIL-EL7202CS Datasheet
200Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
EL7202CS INTERSIL-EL7202CS Datasheet
204Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
EL7202CS-T13 INTERSIL-EL7202CS-T13 Datasheet
126Kb / 7P
High Speed, Dual Channel Power MOSFET Drivers
May 9, 2005
More results

Similar Description - EL7202CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426 MICROCHIP-TC426 Datasheet
461Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2002
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
High Speed, Dual Channel Power MOSFET Drivers
May 9, 2005
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
Intersil Corporation
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
High Speed, Dual Channel Power MOSFET Drivers
July 3, 2006
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Renesas Technology Corp
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com