Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7566AIREZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL7566AIREZ
Description  Monolithic 6A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7566AIREZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL7566AIREZ Datasheet HTML 6Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 7Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 8Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 9Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 10Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 11Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 12Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 13Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EL7566
FN7102 Rev 7.00
Page 13 of 14
May 8, 2006
For convenience, Table 3 lists the compensation values for
frequently used output voltages.
Thermal Management
The EL7566 is packaged in a thermally-efficient HTSSOP-28
package, which utilizes the exposed thermal pad at the
bottom to spread heat through PCB metal.
Therefore:
1. The thermal pad must be soldered to the PCB.
2. Maximize the PCB area.
3. If a multiple layer PCB is used, thermal vias (13 to 25 mil)
must be placed underneath the thermal pad to connect to
ground plane(s). Do not place thermal reliefs on the vias.
Figure 25 shows a typical connection.
The thermal resistance for this package is as low as 26°C/W
for 2 layer PCB of 0.39" thickness (See Figure 9). The actual
junction temperature can be measured at VTJ pin.
The thermal performance of the IC is heavily dependent on
the layout of the PCB. The user should exercise care during
the design phase to ensure the IC will operate within the
recommended environmental conditions.
Layout Considerations
The layout is very important for the converter to function
properly. Follow these tips for best performance:
1. Separate the Power Ground ( ) and Signal Ground (
);
connect them only at one point right at the SGND pin
2. Place the input capacitor(s) as close to VIN and PGND
pins as possible
3. Make as small as possible the loop from LX pins to L to
CO to PGND pins
4. Place R1 and R2 pins as close to the FB pin as possible
5. Maximize the copper area around the PGND pins; do not
place thermal relief around them
6. Thermal pad should be soldered to PCB. Place several
via holes under the chip to the ground plane to help heat
dissipation
The demo board is a good example of layout based on this
outline. Please refer to the EL7566 Application Brief.
TABLE 3. COMPENSATION VALUES
VO (V)
RC (k)CC (pF)
3.3
13.7
8200
2.5
10.5
8200
1.8
7.68
8200
1.5
6.49
8200
1.2
5.23
8200
1
4.42
8200
0.8
3.57
8200
GROUND PLANE
CONNECTION
COMPONENT SIDE
CONNECTION
FIGURE 25. PCB LAYOUT - 28-PIN HTSSOP PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com