Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7566AIREZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7566AIREZ
Description  Monolithic 6A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7566AIREZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7566AIREZ Datasheet HTML 1Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 2Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 3Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 4Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 5Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 6Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 7Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 8Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EL7566
FN7102 Rev 7.00
Page 2 of 14
May 8, 2006
Typical Application Diagram
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL TEMP RANGE (°C)
PACKAGE
PKG. DWG. #
EL7566DRE
7566DRE
-
0 to 85
28 Ld HTSSOP
MDP0048
EL7566DRE-T7
7566DRE
7”
0 to 85
28 Ld HTSSOP
MDP0048
EL7566DRE-T13
7566DRE
13”
0 to 85
28 Ld HTSSOP
MDP0048
EL7566DREZ (Note)
7566DREZ
-
0 to 85
28 Ld HTSSOP (Pb-free)
MDP0048
EL7566DREZ-T7 (Note)
7566DREZ
7”
0 to 85
28 Ld HTSSOP (Pb-free)
MDP0048
EL7566DREZ-T13 (Note)
7566DREZ
13”
0 to 85
28 Ld HTSSOP (Pb-free)
MDP0048
EL7566AIREZ (Note)
7566AIREZ
-40 to 85
28 Ld HTSSOP (Pb-free)
MDP0048
EL7566AIREZ-T7 (Note)
7566AIREZ
7”
-40 to 85
28 Ld HTSSOP (Pb-free)
MDP0048
EL7566AIREZ-T13 (Note)
7566AIREZ
13”
-40 to 85
28 Ld HTSSOP (Pb-free)
MDP0048
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
8200pF
0.047µF
2.7µH
150µF
VOUT
(2.5V, 6A)
100µF
VIN
(3V TO
6V)
0.22µF
270pF
COMP
VREF
FB
VO
VTJ
TM
SEL
LX
LX
LX
LX
LX
LX
NC
SGND
COSC
STN
STP
EN
PG
VDD
VIN
VIN
VIN
PGND
PGND
PGND
NC
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
R2
R1
10K
10K
21.5K
CC
RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com