Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64886FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M64886FP
Description  RF Transceiver for Short-range Wireless
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64886FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M64886FP Datasheet HTML 1Page - Renesas Technology Corp M64886FP Datasheet HTML 2Page - Renesas Technology Corp M64886FP Datasheet HTML 3Page - Renesas Technology Corp M64886FP Datasheet HTML 4Page - Renesas Technology Corp M64886FP Datasheet HTML 5Page - Renesas Technology Corp M64886FP Datasheet HTML 6Page - Renesas Technology Corp M64886FP Datasheet HTML 7Page - Renesas Technology Corp M64886FP Datasheet HTML 8Page - Renesas Technology Corp M64886FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
M64886FP
Rev.1.0, Sep.22.2003, page 2 of 27
Block Diagram
1. TX = 900M & RX = 2400M
From
RF Filter
Demodulator
66
65
61
COMPVCC
EXPRECT
EXPOUT
COMPGND
RSSI
EXPIN
COMPREF
SPIN
SPOUT1
SPOUT2
53
35
36
37
-
+
ref
-
+
ref
-
+
-
+
ref
42
MI C
To µcon
SP
Mute
Mute
Expander
5.5MHz
2nd
MI X
DISC
DEMODOUT
54
SLICEROUT
SLICERIN
To µcon
38
IDC
52
51
49
47
46
48
44
43
RSSICOMP
55
39
40
Compressor
ref
ref
ref
ref
RSSI
ref
SPREF
45
VOLCAP
50
58
COMPRECT
41
LI MREF1
59
60
64
67
ON/OFF
SWOUT
POUTA
MI XIN
ISOGND2
RVVCC
34
74
CR
32
33
ISOGND1
MIXGND
73
3bit
1bit
1bit
1
70
71
75
OSC
69
X’t al
67
79
78
2
80
POUTB
RX
VCO
1200M
Hz
RXLB1
ON/OFF
ON/OFF
68
77
25
24
23
21
22
17
18
19
20
TXDGND
TXDVCC
16
RXLB2
11
10
9
7
8
RXLA2
RXLA1
RVGND1
RVGND2
15
RXVT
RXPD
6
72
ON/OFF
Reference
counter
ON/OFF
Doubler
To
RF Filter
31
57
Discri
MSL
PD
TX
VCO
900MHz
63
62
-
+
LI MOUT
56
14
12
13
CR
PAGND1
IDC: Instantaneous Deviation Control
3
5
Programmable
counter
ON/OFF
LC
MSL
LC
L
L
LCR
FSK DATA
1st
MI X
Doubler
MI XBIAS
4
From
RF Filter
Prescaler
Programmable
counter
LC
27
29
26
30
28
ON/OFF
Control
register
Prescaler
PD
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com