Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64886FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M64886FP
Description  RF Transceiver for Short-range Wireless
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64886FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M64886FP Datasheet HTML 17Page - Renesas Technology Corp M64886FP Datasheet HTML 18Page - Renesas Technology Corp M64886FP Datasheet HTML 19Page - Renesas Technology Corp M64886FP Datasheet HTML 20Page - Renesas Technology Corp M64886FP Datasheet HTML 21Page - Renesas Technology Corp M64886FP Datasheet HTML 22Page - Renesas Technology Corp M64886FP Datasheet HTML 23Page - Renesas Technology Corp M64886FP Datasheet HTML 24Page - Renesas Technology Corp M64886FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
M64886FP
Rev.1.0, Sep.22.2003, page 21 of 27
Electrical Characteristics (cont)
(VCC = 3 V / Ta = 25ºC , unless otherwise noted)
Limits
Block
Parameter
Symbol
Pin
Test Condition
Min.
Typ.
Max.
Unit
Measur
ement
circuit
DEMOD
Output
Voltage
VO1
2ndMIXIN
DEMODOUT
2ndMIXIN = 10.7 MHz,
80 dBµ, Dev = ±30 kHz
FOSC = 16.2 MHz
2nd.IF = 5.5 MHz
100
mVrms
RSSI Output
Voltage
VRSSI1
2ndMIXIN
RSSI
2ndMIXIN = 100 dBµ
1.65
VRSSI2
2ndMIXIN = 70 dBµ
1.45
VRSSI3
2ndMIXIN = 30 dBµ
0.60
RSSI
VRSSI4
Non input at 2nd MIXIN
0.35
V
Threshold
Voltage 1
VTH1
RSSI
0.5
0.7
0.9
V
Hysteresis
width
HYS
RSSICOMP
120
150
180
mV
”H” Output
Voltage 2
VOH2
2.3
3.0
V
RSSI-
Comp.
”L” Output
Voltage 2
VOL2
0
0.3
V
Duty Ratio 1
DR1
SLICERIN
SLICEROUT
SLICERIN fin = 30 kHz
Vin = 100 mVrms
45
50
55
%
Duty Ratio 2
DR2
SLICERIN
SLICEROUT
SLICERIN fin = 1 kHz
Vin = 20 mVrms
45
50
55
%
Threshold
Voltage 2
VTH2
SLICERIN
1.3
1.5
1.7
V
”H” Output
Voltage 3
VOH3
SLICEROUT
2.3
3.0
V
Slicer
”L” Output
Voltage 3
VOL3
SLICEROUT
0
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com