Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2626 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2626 Datasheet HTML 1Page - Monolithic Power Systems MP2626 Datasheet HTML 2Page - Monolithic Power Systems MP2626 Datasheet HTML 3Page - Monolithic Power Systems MP2626 Datasheet HTML 4Page - Monolithic Power Systems MP2626 Datasheet HTML 5Page - Monolithic Power Systems MP2626 Datasheet HTML 6Page - Monolithic Power Systems MP2626 Datasheet HTML 7Page - Monolithic Power Systems MP2626 Datasheet HTML 8Page - Monolithic Power Systems MP2626 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
2
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
VCC
SW
BATT
FB
MODE
PWIN
PMID
Battery
CHG
EN
CIN
CBATT
C4
TMR
NTC
PGND
OLIM
ILIM
ISET
BOOST
ACOK
FREQ
VBATT
REG
VPMID
VB
Battery Voltage
Programmable Pin
GND: 4.35V
High/Float: 4.2V
CSP
RS1
RISET
CTMR
RILIM
ROLIM
R1
R2
5V Input
AGND
C1
R5
R3
R6
L1
C3
C2
ICHG
IBATT
R4
VCC
Table 1: Operation Mode
MODE
EN
ACOK
__________
Operating Mode
Low
High
Low
Charge Mode, Enable Charging
Low
Sleep Mode
High
X
High
Boost Mode
X=Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com