Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2626 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2626 Datasheet HTML 9Page - Monolithic Power Systems MP2626 Datasheet HTML 10Page - Monolithic Power Systems MP2626 Datasheet HTML 11Page - Monolithic Power Systems MP2626 Datasheet HTML 12Page - Monolithic Power Systems MP2626 Datasheet HTML 13Page - Monolithic Power Systems MP2626 Datasheet HTML 14Page - Monolithic Power Systems MP2626 Datasheet HTML 15Page - Monolithic Power Systems MP2626 Datasheet HTML 16Page - Monolithic Power Systems MP2626 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
13
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
(continued)
VIN=5V, CIN=CBATT=CPMID=C3=22µF, C1=C2=1µF, L1=4.7µH, RS1=50mΩ, C4=CTMR=0.1µF, Battery
Simulator, unless otherwise noted.
VBATT
1V/div.
VIN
1V/div.
VSW
2V/div.
IL
2A/div.
VBATT
1V/div.
VIN
1V/div.
VSW
2V/div.
IL
2A/div.
VBATT
1V/div.
VIN
1V/div.
VSW
2V/div.
IL
2A/div.
VBATT
1V/div.
VBOOST
2V/div.
VIN
1V/div.
IL
2A/div.
VBATT
1V/div.
VIN/AC
500mV/div.
IIN
1A/div.
VBATT
1V/div.
VIN/AC
500mV/div.
IIN
1A/div.
VBATT
1V/div.
VIN/AC
200mV/div.
IIN
500mA/div.
70
75
80
85
90
95
100
0
0.3
0.6
0.9
1.2
1.5
0
1
2
3
4
5
6
0
0.5
1
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com