Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2633A Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 24Page - Monolithic Power Systems MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems MP2633A Datasheet HTML 29Page - Monolithic Power Systems MP2633A Datasheet HTML 30Page - Monolithic Power Systems MP2633A Datasheet HTML 31Page - Monolithic Power Systems MP2633A Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
28
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
%
65
TL
//R
R
R
//R
R
V
V
NTC_Cold
T2
T1
NTC_Cold
T2
SYS
TL
(14)
%
35
TH
//R
R
R
//R
R
V
V
NTC_Hot
T2
T1
NTC_Hot
T2
SYS
TH
(15)
Where RNTC_Hot is the value of the NTC resistor at
the upper bound of its operating temperature
range, and RNTC_Cold is its lower bound.
The two resistors, RT1 and RT2, independently
determine the upper and lower temperature limits.
This flexibility allows the MP2633A to operate
with most NTC resistors for different temperature
range requirements. Calculate RT1 and RT2 as
follows:
)
R
R
(
TL
TH
)
TH
TL
(
R
R
R
NTC_Hot
NTC_Cold
NTC_Cold
NTC_Hot
T1
(16)
NTC_Hot
NTC_Cold
NTC_Hot
NTC_Cold
T2
R
TL
TH)
-
(1
-
R
TH
)
TL
1
(
R
R
)
TH
TL
(
R
(17)
For example, the NCP18XH103 thermistor has
the following electrical characteristic:
At 0°C, RNTC_Cold = 27.445kΩ;
At 50°C, RNTC_Hot = 4.1601kΩ.
Based on equation (16) and equation (17),
RT1=6.47kΩ and RT2 = 21.35kΩ are suitable for
an NTC window between 0°C and 50°C. Chose
approximate values: e.g., RT1=6.49kΩ and
RT2=21.5kΩ.
If no external NTC is available, connect RT1 and
RT2 to keep the voltage on the NTC pin within the
valid NTC window: e.g., RT1 = RT2 = 10kΩ.
NTC
SYS
Low Temp Threshold
High Temp Threshold
RNTC
RT1
RT2
VTL
VTH
Figure 12: NTC Function Block
Setting the System Voltage in Boost Mode
In the boost mode, the system voltage can be
regulated to the value customer required
between 4.2V to 6V by the resistor divider at FB
pin as R1 and R2 in the typical application circuit.
2
R
2
R
1
R
V
2
.
1
V
SYS
(18)
Where, 1.2V is the voltage reference of SYS.
With a typical value for R2, 10kΩ, R1 can be
determined by:
2
R
V
2
.
1
V
2
.
1
V
1
R
SYS
(19)
For example, for a 5V system voltage, R2 is
10kΩ, and R1 is 31.6kΩ.
Setting the Output Current Limit in Boost
Mode
In boost mode, connect a resistor from the OLIM
pin to AGND to program the output current limit.
The relationship between the output current limit
and setting resistor is as follows:
)
m
(
1
RS
)
A
(
I
)
mV
(
40
)
k
(
70
)
k
(
R
OLIM
OLIM
(20)
Where ROLIM is greater than 56kΩ, so IOLIM can be
programmed up to 1A.
Selecting the Inductor
Inductor selection trades off between cost, size,
and efficiency. A lower inductance value
corresponds with smaller size, but results in
higher ripple currents, higher magnetic hysteretic
losses, and higher output capacitances. However,
a higher inductance value benefits from lower
ripple current and smaller output filter capacitors,
but results in higher inductor DC resistance (DCR)
loss.
Choose an inductor that does not saturate under
the worst-case load condition.
1. Charge Mode
When MP2633A works in charge mode (as a
buck
converter),
estimate
the
required
inductance as:
S
IN
BATT
MAX
_
L
BATT
IN
f
V
V
I
V
V
L
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com