Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2633A Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems MP2633A Datasheet HTML 29Page - Monolithic Power Systems MP2633A Datasheet HTML 30Page - Monolithic Power Systems MP2633A Datasheet HTML 31Page - Monolithic Power Systems MP2633A Datasheet HTML 32Page - Monolithic Power Systems MP2633A Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
32
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FREQ
1
VIN
2
VCC
3
ILIM
4
PWIN
5
TMR
6
REG
7
ACOK
8
NTC
10
ISET
11
VB
14
BATT
15
CSP
16
BOOST
17
CHG
18
SW
20
MODE
23
EN
24
MP2633A
U1
LED1
2k
R9
LED2
2k
R10
LED3
2k R11
RISET
100nF
CTMR
RILIM
JP1
JP2
JP3
VCC
10k
R6
10k
R7
10k
R8
51
R4
VIN
PGND
CIN
C1
VCC
AGND
C2
C4
CSYS
31.6k 1%
R1
10k 1%
R2
56k 1%
ROLM
1
L1
50m
RS1
SYS
C3 CBATT
BATT
10k
RT1
10k
RT2
NTC
10k
2
R5
JP4
PGND
VIN
SW
VCC
FB
SYS
LED
VBATT
C5
C6
C7
JP5
110
R3
215
RH
51
RL
47pF
C8
VBATT
SYS
SYS
VCC
Figure14: Detailed Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com